Part Number Hot Search : 
34021 3SD11 9619A L0427 TA114E SCR010C MCP451SB ICS84329
Product Description
Full Text Search
 

To Download MX13030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX13-SERIES
3 Phase Noise filter for FA Servo System
Features
(1) Suitable for mounting in the control panel: Height and depth meets the industry standard. (2) Easy installation and easy maintenance: Centralized terminals in front surface. (3) Applicable to NC Servo noise and AC Servo noise: High attenuation by 40dB at 150kHz. level. (4) Enriched lineups: 3 types (30A, 50A, 100, 150A) selectable. (5) Patent and design registration pending.
Safety standard
UL1283 applied / approval in process CSA C22.2 No.8 applied / approval in process EN133200 EN133200 applied / approval in process *Completion projected in August,2001
Specifications
Item 1 2 3 4 5 6 7 8 9 Rated voltage Rated current Test voltage Isolation resistance Leak current Attenuation Operating ambient temperature Safety standards Dimensions (W x H x D) 70mm 380mm 200mm 30A 50A Model MX13030 MX13050 3 Phase AC250V 100A 150A Terminal - Case: AC2500V, 1min. Terminal - Case: DC500V, 100Mohm AC250,60Hz : 3.5mA max. 150kHz : 40dB -25 ~ +85(derating required depending on the atmosphere temperature) Conforms to UL1283, CSA_C22.2No.8, EN133200 (to be applied for) 85mm 380mm 200mm 130mm 380mm 200mm 165mm 380mm 200mm 8mA max. MX13100 MX13150
Derating
100A type projected as a new lineup
Noise Filter
NOTE > *1 Value for Ta _ 50C > For Ta _ 50C,derate according to the derating curve shown on the right
152
MX13-SERIES
MX13030 MX13050
(Unit: mm)
(Unit: mm)
Noise Filter
MX13100
MX13150
(Unit: mm)
(Unit: mm)
(Unit: mm)
153
MX13-SERIES
CHARACTERISTICS
Conduction Emission Characteristics
Noise Filter
154
MX13-SERIES
CHARACTERISTICS
Attenuation Characteristic (typical)
(1) Asymmetrical (2) Symmetrical
MX13030
MX13030
MX13050
MX13050
Noise Filter
MX13100
MX13100
MX13150
MX13150
155


▲Up To Search▲   

 
Price & Availability of MX13030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X